Part Number Hot Search : 
AX6746KA B3200 LT1056MH 5AN105Z B3200 N4005 MAX4632 GRM216R
Product Description
Full Text Search
 

To Download APT30D30S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2 D3PAK
1 - Cathode 2 - Anode Back of Case - Cathode
1
2
APT30D30S
300V
30A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Surface Mount D3PAK * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT30D30S UNIT
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (TC = 110C, Duty Cycle = 0.5) RMS Forward Current
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions
AL IC HN EC ON TI ED AT NC RM VA FO AD IN
300 30 70 320 -55 to 150 300
MIN TYP IF = 30A IF = 60A IF = 30A, TJ = 150C
Volts
Amps
C
MAX
UNIT
1.4 1.4 1.2 250
A Volts
VF
Maximum Forward Voltage
IRM CT LS
Maximum Reverse Leakage Current
VR = VR Rated VR = VR Rated, TJ = 125C
500 70 10
pF nH
6-2001 053-4054 Rev-
Junction Capacitance, VR = 150V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 I RRM1 I RRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt Characteristic (Single Diode) Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 30A, diF /dt = -240A/s, VR = 180V Forward Recovery Time IF = 30A, diF /dt = 240A/s, VR = 180V Reverse Recovery Current IF = 30A, diF /dt = -240A/s, VR = 180V Recovery Charge IF = 30A, diF /dt = -240A/s, VR = 180V Forward Recovery Voltage TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C MIN TYP
APT30D30S
MAX UNIT
35 40 60 162 162 5 8 110
TBD
ns
9
Amps
16
nC
280 2.9 2.9
Volts
IF = 30A, diF /dt = 240A/s, VR = 180V Rate of Fall of Recovery Current
IF = 30A, diF /dt = -240A/s, VR = 180V
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RqJC RqJA WT
Characteristic / Test Conditions (Single Diode) Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance Package Weight
AL IC HN EC ON D T ATI CE M AN OR DV INF A
TJ = 100C TJ = 25C
400 700
A/s
TJ = 100C
MIN
TYP
MAX
UNIT C/W oz gm
0.90 40
0.22 6.1
APT Reserves the right to change, without notice, the specifications and information contained herein.
D PAK Package Outline
Cathode (Heat Sink)
4.90 (.193) 5.10 (.201) 1.45 (.057) 1.60 (.063) 15.85 (.624) 16.05 (.632) 1.00 (.039) 1.15 (.045) 13.30 (.524) 13.60 (.535)
3
18.70 (.736) 19.10 (.752)
Revised 2/24/95
12.40 (.488) 12.70 (.500)
0.40 (.016) 0.65 (.026) 0.020 (.001) 0.250 (.010) 2.70 (.106) 2.90 (.114)
1.20 (.047) 1.40 (.055) 1.15 (.045) 1.45 (.057) 1.90 (.075) 2.10 (.083) 5.45 (.215) BSC (2 Plcs.)
2.40 (.094) 2.70 (.106) (Base of Lead)
053-4054 Rev-
6-2001
Heat Sink (Cathode) and Leads are Plated
Anode Cathode Dimensions in Millimeters (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT30D30S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X